Part Number Hot Search : 
4S15W 4111M OAC2027A MSM5218 M100D 1N5524 XQ2VP70 60100
Product Description
Full Text Search
 

To Download TB0640H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30360 rev. 5 - 2 1 of 4 TB0640H - tb3500h www.diodes.com  diodes incorporated features  100a peak pulse current @ 10/1000  s  400a peak pulse current @ 8/20  s  58 - 320v stand-off voltages  oxide-glass passivated junction  bi-directional protection in a single device  high off-state impedance and low on-state voltage  helps equipment meet gr-1089-core, iec 61000-4-5, fcc part 68, itu-t k.20/k.21, and ul497b  ul listed under recognized component index, file number 156346 mechanical data  case: smb, molded plastic  plastic material: ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solder plated terminal - solderable per mil-std-202, method 208  polarity: none; bi-directional devices have no polarity indicator  weight: 0.093 grams (approx.)  marking: date code & marking code (see page 4)  ordering information: see page 4 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. a b c d g h e j characteristic symbol value unit non-repetitive peak impulse current @10/1000us i pp 100 a non-repetitive peak on-state current @8.3ms (one-half cycle) i tsm 50 a junction temperature range t j -40 to +150  c storage temperature range t stg -55 to +150  c thermal resistance, junction to lead r  jl 20 c/w thermal resistance, junction to ambient r  ja 100 c/w typical positive temperature coefficient for breakdown voltage  vbr/  t j 0.1 %/c maximum ratings @ t a = 25  c unless otherwise specified maximum rated surge waveform waveform standard ipp (a) 2/10 us gr-1089-core 500 8/20 us iec 61000-4-5 400 10/160 us fcc part 68 250 10/700 us itu-t, k.20/k.21 200 10/560 us fcc part 68 160 10/1000 us gr-1089-core 100 0 time 100 50 0 i , peak pulse current (%) pp peak value (i ) pp half value t = rise time to peak value r t = decay time to half value p t r t p t c u d o r p w e n TB0640H - tb3500h 100a bi-directional surface mount thyristor surge protective device smb dim min max a 3.30 3.94 b 4.06 4.57 c 1.96 2.21 d 0.15 0.31 e 5.00 5.59 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm
ds30360 rev. 5 - 2 2 of 4 TB0640H - tb3500h www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified part number rated repetitive off-state voltage off-state leakage current @ v drm breakover voltage on-state voltage @ i t = 1a breakover current i bo holding current i h off-state capacitance marking code v drm (v) i drm (ua) v bo (v) v t (v) min (ma) max (ma) min (ma) max (ma) c o (pf) TB0640H 58 5 77 3.5 50 800 150 800 200 t064h tb0720h 65 5 88 3.5 50 800 150 800 200 t072h tb0900h 75 5 98 3.5 50 800 150 800 200 t090h tb1100h 90 5 130 3.5 50 800 150 800 120 t110h tb1300h 120 5 160 3.5 50 800 150 800 120 t130h tb1500h 140 5 180 3.5 50 800 150 800 120 t150h tb1800h 160 5 220 3.5 50 800 150 800 120 t180h tb2300h 190 5 265 3.5 50 800 150 800 80 t230h tb2600h 220 5 300 3.5 50 800 150 800 80 t260h tb3100h 275 5 350 3.5 50 800 150 800 80 t310h tb3500h 320 5 400 3.5 50 800 150 800 80 t350h symbol parameter v drm stand-off voltage i drm leakage current at stand-off voltage v br breakdown voltage i br breakdown current v bo breakover voltage i bo breakover current i h holding current note: 1 v t on state voltage i pp peak pulse current c o off-state capacitance note: 2 notes: 1. i h > (v l /r l ) if this criterion is not obeyed, the tspd triggers but does not return correctly to high-resistance state. the surge recovery time does not exceed 30ms. 2. off-state capacitance measured at f = 1.0mhz, 1.0v rms signal, v r = 2v dc bias. i bo v br v drm v t v bo i h i v i br i drm i pp t c u d o r p w e n
ds30360 rev. 5 - 2 3 of 4 TB0640H - tb3500h www.diodes.com 0.9 t , junction j temperature (c) fig. 2 relative variation of breakdown voltage vs. junction tem p erature v = (t ) br j v = (t = 25c) br j 0.95 1 1.05 1.1 1.15 1 . 2 -50 -25 0 25 50 75 100 125 150 175 normalized breakdown voltage 1 10 100 1 1.5 3 2.5 2 4 3.5 5 4.5 i , on-state current (a) t v , on-state voltage (v) t fi g . 4 on-state current vs. on-state volta g e t = 25c j i , off-state current (ua) (drm) t , junction temperature (c) j fi g . 1 off-state current vs. junction temperature 0.001 0.01 1 0.1 10 100 -25 0 25 50 75 100 125 150 v = 50v drm 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1 .4 1.3 1.2 -50 -25 0 25 50 100 75 125 normalized holding current t , junction temperature (c) j fig. 5 relative variation of holding current vs. junction tem p erature i=(t) hj i = (t = 25c) hj 0.1 1 1 10 100 normalized capacitance v , reverse voltage (v) r fig. 6 relative variation of normalized capacitance vs. reverse volta g ebias c = (v ) or c = (v = 1v) or t=25c j f=1mhz v rms =1v t c u d o r p w e n 1 1.05 0.95 -50 normalized breakdown voltage 1 . 1 -25 0 75 50 25 125 100 175 150 v=(t) bo j v=(t=25c) bo j t , junction temperature (oc) j fig. 3 relative variation of breakover voltage vs. junction tem p erature
ds30360 rev. 5 - 2 4 of 4 TB0640H - tb3500h www.diodes.com t c u d o r p w e n ordering information (note 3) device packaging shipping TB0640H-13 tb0720h-13 tb0900h-13 tb1100h-13 tb1300h-13 tb1500h-13 tb1800h-13 tb2300h-13 tb2600h-13 tb3100h-13 tb3500h-13 smb 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information xxxxx = product type marking code yww = date code marking y = year ex: 2 = 2002 ww = week code 01 to 52 date code key xxxxx yww year 2002 2003 2004 2005 2006 2007 2008 2009 code 2 3 4 5 678 9


▲Up To Search▲   

 
Price & Availability of TB0640H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X